Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 647 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 647 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 643Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 644Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 645Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 646Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 647Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 648Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 649Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 650Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 651Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 647 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 623 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
12
POE8F
0
R/(W)*
1
POE8 Flag
Indicates that a high impedance request has been input
to the
POE8 pin.
[Clearing conditions]
• By writing 0 to POE8F after reading POE8F = 1
(when the falling edge is selected by bits 1 and 0 in
ICSR3)
• By writing 0 to POE8F after reading POE8F = 1 after
a high level input to
POE8 is sampled at Pφ/8, Pφ/16,
or P
φ/128 clock (when low-level sampling is selected
by bits 1 and 0 in ICSR3)
[Setting condition]
• When the input condition set by bits 1 and 0 in
ICSR3 occurs at the
POE8 pin
11, 10
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
9
POE8E
0
R/W*
2
POE8 High-Impedance Enable
Specifies whether to place the pins in high-impedance
state when the POE8F bit in ICSR3 is set
to 1.
0: Does not place the pins in high-impedance state
1: Places the pins in high-impedance state
8
PIE3
0
R/W
Port Interrupt Enable 3
Enables or disables interrupt requests when the POE8
bit in ICSR3 is set to 1.
0: Interrupt requests disabled
1: Interrupt requests enabled
7 to 2
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com