| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 653 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 653 Page - Renesas Technology Corp |
|
653 / 1228 page ![]() Section 12 Port Output Enable 2 (POE2) Rev. 2.00 May. 08, 2008 Page 629 of 1200 REJ09B0344-0200 Bit Bit Name Initial Value R/W Description 9 MTU2SP2CZE 1 R/W* MTU2S Port 2 Output Comparison/High-Impedance Enable Specifies whether to compare output levels for the MTU2S high-current PB12/TIOC4AS and PB10/TIOC4CS pins and to place them in high- impedance state when the OSF2 bit is set to 1 while the OCE2 bit is 1 or when any one of the POE4F, POE7F, and MTU2SHIZ bits is set to 1. 0: Does not compare output levels or place the pins in high-impedance state. 1: Compares output levels and places the pins in high-impedance state. 8 MTU2SP3CZE 1 R/W* MTU2S Port 3 Output Comparison/High-Impedance Enable Specifies whether to compare output levels for the MTU2S high-current PB13/TIOC4BS and PB11/TIOC4DS pins and to place them in high- impedance state when the OSF2 bit is set to 1 while the OCE2 bit is 1 or when any one of the POE4F, POE7F, and MTU2SHIZ bits is set to 1. 0: Does not compare output levels or place the pins in high-impedance state. 1: Compares output levels and places the pins in high-impedance state. 7 to 0 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. Note: * Can be modified only once after a power-on reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |