Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 656 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 656 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 652Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 653Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 654Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 655Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 656Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 657Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 658Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 659Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 660Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 656 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 632 of 1200
REJ09B0344-0200
(2)
Low-Level Detection
Figure 12.3 shows the low-level detection operation. Sixteen continuous low levels are sampled
with the sampling clock selected by ICSR1 to ICSR3. If even one high level is detected during this
interval, the low level is not accepted.
The timing when the high-current pins enter the high-impedance state after the sampling clock is
input is the same in both falling-edge detection and in low-level detection.
PB18/TIOC3B
(1)
(2)
(3)
(16)
(1)
(2)
(13)
P
φ
Sampling
clock
POE input
When low level is
sampled at all points
When high level is
sampled at least once
Flag set
(
POE received)
Flag not set
High-impedance state*
8/16/128 clock
cycles
Note: * The other high-current pins and MTU2 channel 0 pins also enter the high-impedance state in the similar timing.
Figure 12.3 Low-Level Detection Operation
12.4.2
Output-Level Compare Operation
Figure 12.4 shows an example of the output-level compare operation for the combination of
TIOC3B and TIOC3D. The operation is the same for the other pin combinations.
PB18/
TIOC3B
PB19/
TIOC3D
P
φ
Low level overlapping detected
High impedance state
Figure 12.4 Output-Level Compare Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com