Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 657 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 657 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 653Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 654Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 655Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 656Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 657Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 658Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 659Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 660Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 661Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 657 / 1228 page
background image
Section 12 Port Output Enable 2 (POE2)
Rev. 2.00 May. 08, 2008 Page 633 of 1200
REJ09B0344-0200
12.4.3
Release from High-Impedance State
High-current pins that have entered high-impedance state due to input-level detection can be
released either by returning them to their initial state with a power-on reset, or by clearing all of
the flags in bits 15 to 12 (POE8F, POE7F, POE4F, POE3F, POE1F, and POE0F) of ICSR1 to
ICSR3. However, note that when low-level sampling is selected by bits 7 to 0 in ICSR1 to ICSR3,
just writing 0 to a flag is ignored (the flag is not cleared); flags can be cleared by writing 0 to it
only after a high level is input to one of the
POE0, POE1, POE3, POE4, POE7, and POE8 pins
and is sampled.
High-current pins that have entered high-impedance state due to output-level detection can be
released either by returning them to their initial state with a power-on reset, or by clearing the flag
in bit 15 (OCF1 and OCF2) in OCSR1 and OCSR2. However, note that just writing 0 to a flag is
ignored (the flag is not cleared); flags can be cleared only after an inactive level is output from the
high-current pins. Inactive-level outputs can be achieved by setting the MTU2 and MTU2S
internal registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com