Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 666 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 666 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 662Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 663Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 664Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 665Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 666Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 667Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 668Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 669Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 670Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 666 / 1228 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 2.00 May. 08, 2008 Page 642 of 1200
REJ09B0344-0200
13.2.3
Compare Match Counter (CMCNT)
CMCNT is a 16-bit register used as an up-counter. When the counter input clock is selected with
bits CKS[1:0] in CMCSR, and the STR bit in CMSTR is set to 1, CMCNT starts counting using
the selected clock. When the value in CMCNT and the value in compare match constant register
(CMCOR) match, CMCNT is cleared to H'0000 and the CMF flag in CMCSR is set to 1.
CMCNT is initialized to H'0000 by a power-on reset or in software standby mode, but retains its
previous value in module standby mode.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
13.2.4
Compare Match Constant Register (CMCOR)
CMCOR is a 16-bit register that sets the interval up to a compare match with CMCNT.
CMCOR is initialized to H'FFFF by a power-on reset or in software standby mode, but retains its
previous value in module standby mode.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1111111111111111
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com