Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 667 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 667 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 663Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 664Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 665Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 666Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 667Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 668Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 669Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 670Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 671Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 667 / 1228 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 2.00 May. 08, 2008 Page 643 of 1200
REJ09B0344-0200
13.3
Operation
13.3.1
Interval Count Operation
When an internal clock is selected with the CKS[1:0] bits in CMCSR and the STR bit in CMSTR
is set to 1, CMCNT starts incrementing using the selected clock. When the values in CMCNT and
CMCOR match, CMCNT is cleared to H'0000 and the CMF flag in CMCSR is set to 1. When the
CMIE bit in CMCSR is set to 1 at this time, a compare match interrupt (CMI) is requested.
CMCNT then starts counting up again from H'0000.
Figure 13.2 shows the operation of the compare match counter.
CMCOR
H'0000
CMCNT value
Time
Counter cleared by compare
match with CMCOR
Figure 13.2 Counter Operation
13.3.2
CMCNT Count Timing
One of four clocks (P
φ/8, Pφ/32, Pφ/128, and Pφ/512) obtained by dividing the peripheral clock
(P
φ) can be selected with the CKS[1:0] bits in CMCSR. Figure 13.3 shows the timing.
CMCNT
NN + 1
Peripheral clock
(P
φ)
Clock
N
Clock
N + 1
Internal clock
Count clock
Figure 13.3 Count Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com