Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 787 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 787 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 783Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 784Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 785Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 786Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 787Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 788Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 789Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 790Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 791Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 787 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 763 of 1200
REJ09B0344-0200
16.5
Interrupt Requests
There are six interrupt requests in this module; transmit data empty, transmit end, receive data full,
NACK detection, STOP recognition, and arbitration lost/overrun error. Table 16.4 shows the
contents of each interrupt request.
Table 16.4
Interrupt Requests
Interrupt Request
Abbreviation
Interrupt Condition
I
2C Bus
Format
Clocked Synchronous
Serial Format
Transmit data Empty
TXI
(TDRE = 1) • (TIE = 1)
√
√
Transmit end
TEI
(TEND = 1) • (TEIE = 1)
√
√
Receive data full
RXI
(RDRF = 1) • (RIE = 1)
√
√
STOP recognition
STPI
(STOP = 1) • (STIE = 1)
√
⎯
NACK detection
√
⎯
Arbitration lost/
overrun error
NAKI
{(NACKF = 1) + (AL = 1)} •
(NAKIE = 1)
√
√
When the interrupt condition described in table 16.4 is 1, the CPU executes an interrupt exception
handling. Note that a TXI or RXI interrupt can activate the DMAC if the setting for DMAC
activation has been made. In such a case, an interrupt request is not sent to the CPU. Interrupt
sources should be cleared in the exception handling. The TDRE and TEND bits are automatically
cleared to 0 by writing the transmit data to ICDRT. The RDRF bit is automatically cleared to 0 by
reading ICDRR. The TDRE bit is set to 1 again at the same time when the transmit data is written
to ICDRT. Therefore, when the TDRE bit is cleared to 0, then an excessive data of one byte may
be transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com