Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 791 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 791 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 787Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 788Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 789Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 790Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 791Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 792Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 793Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 794Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 795Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 791 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 767 of 1200
REJ09B0344-0200
16.7
Usage Notes
16.7.1
Note on Multiple Master Usage
With multi-master used, if the transfer rate setting (CKS[3:0] in ICCR1) of I
2C in this LSI is
slower than the other masters, the SCL with unexpected width may be output in rare cases.
To prevent this problem, the transfer rate of I
2C should be specified as equal to or higher than
1/1.8 of the highest transfer rate among the other masters.
16.7.2
Note on Master Receive Mode
If ICDRR is read near the falling edge of 8th clock, the receive data will not be received in some
cases. In addition, if RCVD is set to 1 near the falling edge of 8th clock, a stop condition cannot
be issued in some cases. To prevent these errors, one of the following two methods should be
selected.
1. In master receive mode, ICDRR should be read before the falling edge of 8th clock.
2. In master receive mode, RCVD should be set to 1 and the processing should be performed in
byte units.
16.7.3
Note on Master Receive Mode with ACKBT Setting
In master receive mode operation, ACKBT should be set before the 8th falling edge of SCL in the
final data transfer during continuous data transfer. Otherwise, the slave device may overrun.
16.7.4
Note on MST and TRS Bit Status When an Arbitration was Lost
If the master transmission is set according to the MST and TRS bit settings while multiple masters
are used, the conflicting status in which the AL bit in ICSR is set to 1 in master transmit mode
(MST and TRS are set to 1) depending on the arbitration lost generation timing during TRS bit
handling instruction execution.
This problem can be avoided by the following methods.
• When multiple masters are used, the MST and TRS bits should be set by a MOV instruction.
• When an arbitration lost occurs, check if both MST and TRS bits are cleared to 0. If either or
both of MST and TRS bits are not cleared to 0, both the bits should be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com