Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 793 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 793 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 789Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 790Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 791Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 792Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 793Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 794Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 795Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 796Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 797Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 1228 page
background image
Section 17 A/D Converter (ADC)
Rev. 2.00 May. 08, 2008 Page 769 of 1200
REJ09B0344-0200
Section 17 A/D Converter (ADC)
This LSI includes a successive approximation type 12-bit A/D converter.
17.1
Features
• 12-bit resolution
• Input channels
Eight channels (two independent A/D conversion modules)
• High-speed conversion
When A
φ = 40 MHz: Minimum 1.25 μs per channel
AD clock = 40 MHz, 50 conversion states
• Two operating modes
⎯ Single-cycle scan mode: Continuous A/D conversion on one to eight channels
⎯ Continuous scan mode: Repetitive A/D conversion on one to eight channels
• A/D data registers
Eight A/D data registers (ADDR) are provided. A/D conversion results are stored in A/D data
registers (ADDR) that correspond to the input channels.
• Sample-and-hold function
A sample-and-hold circuit is built into the A/D converter of this LSI, simplifying the
configuration of the external analog input circuitry. Multiple channels can be sampled
simultaneously because sample-and-hold circuits can be dedicated for channels 0 to 2 and 8 to
10.
⎯ Group A (GrA): Analog input pins selected from channels 0, 1, and 2 can be
simultaneously sampled.
• Three methods for starting conversion
Software: Setting of the ADST bit in ADCR
Timer: TRGAN, TRG0N, TRG4AN, and TRG4BN from the MTU2
TRGAN, TRG4AN, and TRG4BN from the MTU2S
External trigger:
ADTRG (LSI pin)
• Selectable analog input channel
A/D conversion of a selected channel is accomplished by setting the A/D analog input channel
select registers (ADANSR).
• A/D conversion end interrupt and DMAC transfer function is supported
On completion of A/D conversion, A/D conversion end interrupts (ADI) can be generated and
the DMAC can be activated by ADI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com