Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 788 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 788 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 784Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 785Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 786Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 787Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 788Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 789Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 790Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 791Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 792Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 788 / 1228 page
background image
Section 16 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 May. 08, 2008 Page 764 of 1200
REJ09B0344-0200
16.6
Bit Synchronous Circuit
In master mode, this module has a possibility that high level period may be short in the two states
described below.
• When SCL is driven to low by the slave device
• When the rising speed of SCL is lowered by the load of the SCL line (load capacitance or pull-
up resistance)
Therefore, it monitors SCL and communicates by bit with synchronization.
Figure 16.22 shows the timing of the bit synchronous circuit and table 16.5 shows the time when
the SCL output changes from low to Hi-Z then SCL is monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com