Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 884 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 884 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 880Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 881Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 882Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 883Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 884Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 885Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 886Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 887Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 888Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 884 / 1228 page
background image
Section 19 Pin Function Controller (PFC)
Rev. 2.00 May. 08, 2008 Page 860 of 1200
REJ09B0344-0200
19.1.9
WAVE Function Control Registers 1, 2 (WAVECR1, WAVECR2)
WAVECR1 and WAVECR2 are 16-bit readable/writable registers that are used to enable the
WAVE pin functions.
WAVECR1 and WAVECR2 are initialized to H'1111 and H'0001 respectively by a power-on
reset; but are not initialized by a manual reset or in sleep mode or software standby mode.
• WAVE Function Control Register 2 (WAVECR2)
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000001
R
R
R
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R/W
-
-
-
-
-
-
-
-
-
-
-
-
-
WVRMD[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 3
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2 to 0
WVRMD[2:0] 001
R/W
WRXD Mode
Select the function of the WRXD pin.
000: Setting prohibited
001: Initial value
010: Setting prohibited
011: Setting prohibited
100: Setting prohibited
101: Setting prohibited
110: WRXD input
111: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com