Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 887 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 887 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 883Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 884Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 885Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 886Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 887Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 888Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 889Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 890Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 891Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 887 / 1228 page
background image
Section 20 I/O Ports
Rev. 2.00 May. 08, 2008 Page 863 of 1200
REJ09B0344-0200
Section 20 I/O Ports
This LSI has four ports: A, B, D, and F.
All port pins are multiplexed with other pin functions. The functions of the multiplex pins are
selected by means of the pin function controller (PFC).
Each port is provided with data registers for storing the pin data and port registers for reading the
states of the pins.
20.1
Port A
Port A is an input/output port with the 26 pins shown in figure 20.1.
Port A
PA2 (I/O) / A2 (output)
PA1 (I/O) / A1 (output)
PA0 (I/O) / A0 (output)
PA11 (I/O) / A11 (output)
PA10 (I/O) / A10 (output)
PA9 (I/O) / A9 (output)
PA8 (I/O) / A8 (output)
PA7 (I/O) / A7 (output)
PA6 (I/O) / A6 (output)
PA5 (I/O) / A5 (output)
PA4 (I/O) / A4 (output)
PA3 (I/O) / A3 (output)
PA21 (I/O) / A21 (output) / IRQ3 (input)
PA20 (I/O) / A20 (output) / IRQ2 (input)
PA19 (I/O) / A19 (output) / IRQ1 (input)
PA18 (I/O) / A18 (output) / IRQ0 (input)
PA17 (I/O) / A17 (output) / TXD3 (output)
PA16 (I/O) / A16 (output) / RXD3 (input)
PA15 (I/O) / A15 (output) / SCK3 (I/O)
PA14 (I/O) / A14 (output)
PA13 (I/O) / A13 (output)
PA12 (I/O) / A12 (output)
PA25 (I/O) / A25 (output) / IRQ7 (input) / TIOC0D (I/O) / TXD1 (output)
PA24 (I/O) / A24 (output) / IRQ6 (input) / TIOC0C (I/O) / RXD1 (input)
PA23 (I/O) / A23 (output) / IRQ5 (input) / TIOC0B (I/O) / SCK1 (I/O)
PA22 (I/O) / A22 (output) / IRQ4 (input) / TIOC0A (I/O)
Figure 20.1 Port A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com