| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 888 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 888 Page - Renesas Technology Corp |
|
888 / 1228 page ![]() Section 20 I/O Ports Rev. 2.00 May. 08, 2008 Page 864 of 1200 REJ09B0344-0200 20.1.1 Register Descriptions Table 20.1 lists the port A registers. Table 20.1 Register Configuration Register Name Abbreviation R/W Initial Value Address Access Size Port A data register H PADRH R/W H'0000 H'FFFE3800 8, 16, 32 Port A data register L PADRL R/W H'0000 H'FFFE3802 8, 16 Port A port register H PAPRH R H'xxxx H'FFFE381C 8, 16, 32 Port A port register L PAPRL R H'xxxx H'FFFE381E 8, 16 20.1.2 Port A Data Registers H, L (PADRH, PADRL) PADRH and PADRL are 16-bit readable/writable registers that store port A data. Bits PA25DR to PA0DR correspond to pins PA25 to PA0, respectively. When a pin function is general output, if a value is written to PADRH or PADRL, the value is output directly from the pin, and if PADRH or PADRL is read, the register value is returned directly regardless of the pin state. When a pin function is general input, if PADRH or PADRL is read, the pin state, not the register value, is returned directly. If a value is written to PADRH or PADRL, although that value is written into PADRH or PADRL, it does not affect the pin state. Table 20.2 summarizes PADRH and PADRL read/write operations. PADRH and PADRL are initialized to the respective values shown in table 20.1 by a power-on reset. PADRH and PADRL are not initialized by a manual reset or in sleep mode or software standby mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |