Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 970 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 970 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 966Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 967Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 968Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 969Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 970Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 971Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 972Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 973Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 974Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 970 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 946 of 1200
REJ09B0344-0200
(2)
Interrupts during Programming/Erasing
Though an interrupt processing can be executed at realtime during programming/erasing of the
downloaded on-chip program, the following limitations and notes are applied.
1. When flash memory is being programmed or erased, both the user MAT and user boot
MAT cannot be accessed. Prepare the interrupt vector table and interrupt processing
routine in on-chip RAM or external memory. Make sure the flash memory being
programmed or erased is not accessed by the interrupt processing routine. If flash memory
is read, the read values are not guaranteed. If the relevant bank in flash memory that is
being programmed or erased is accessed, the error protection state is entered, and
programming or erasing is aborted. If a bank other than the relevant bank is accessed, the
error protection state is not entered but the read values are not guaranteed.
2. Do not rewrite the program data specified by the FMPDR parameter. If new program data
is to provided by the interrupt processing, temporarily save the new program data in
another area. After confirming the completion of programming, save the new program data
in the area specified by FMPDR or change the setting in FMPDR to indicated the other
area in which the new program data was temporarily saved.
3. Make sure the interrupt processing routine does not rewrite the contents of the flash-
memory related registers or data in the downloaded on-chip program area. During the
interrupt processing, do not simultaneously perform download of the on-chip program by
an SCO request or programming/erasing.
4. At the beginning of the interrupt processing routine, save the CPU register contents. Before
returning from the interrupt processing, write the saved contents in the CPU registers again.
5. When a transition is made to sleep mode or software standby mode in the interrupt
processing routine, the error protection state is entered and programming/erasing is
aborted.
If a transition is made to the reset state, the reset signal should only be released after
providing a reset input over a period longer than the normal 100
μs to reduce the damage to
flash memory.
21.7.3
Other Notes
(1)
Download Time of On-Chip Program
The programming program that includes the initialization routine and the erasing program that
includes the initialization routine are each 3 kbytes or less. Accordingly, when the CPU clock
frequency is 40 MHz, the download for each program takes approximately 10 ms at maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com