Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 968 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 968 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 964Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 965Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 966Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 967Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 968Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 969Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 970Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 971Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 972Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 968 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 944 of 1200
REJ09B0344-0200
<User MAT><On-chip RAM><User boot MAT>
Procedure for
switching to the
user boot MAT
Procedure for
switching to
the user MAT
Procedure for switching to the user boot MAT
(1) Mask interrupts.
(2) Write H'AA to FMATS.
(3) Execute thirty-two NOP instructions before
accessing the user boot MAT.
Procedure for switching to the user MAT
(1) Mask interrupts.
(2) Write a value other than H'AA to FMATS.
(3) Execute thirty-two NOP instructions before accessing
the user MAT.
Figure 21.17 Switching between User MAT and User Boot MAT
21.7.2
Interrupts during Programming/Erasing
(1)
Download of On-Chip Program
(a)
VBR Setting Change
Before downloading the on-chip program, VBR must be set to H'80000000. If VBR is set to a
value other than H'80000000, the interrupt vector table is placed in the user MAT (FMATS is not
H'AA) or the user boot MAT (FMATS is H'AA) on setting H'80000000 to VBR.
When VBR setting change conflicts with interrupt occurrence, whether the vector table before or
after VBR is changed is referenced may cause an error.
Therefore, for cases where VBR setting change may conflict with interrupt occurrence, prepare a
vector table to be referenced when VBR is H'00000000 (initial value) at the start of the user MAT
or user boot MAT.
(b)
SCO Download Request and Interrupt Request
Download of the on-chip programming/erasing program that is initiated by setting the SCO bit in
FCCS to 1 generates a particular interrupt processing accompanied by MAT switchover.
Operation when the SCO download request and interrupt request conflicts is described below.
1. Contention between SCO download request and interrupt request
Figure 21.18 shows the timing of contention between execution of the instruction that sets the
SCO bit in FCCS to 1 and interrupt acceptance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com