Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 964 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 964 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 960Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 961Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 962Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 963Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 964Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 965Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 966Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 967Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 968Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 964 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 940 of 1200
REJ09B0344-0200
21.6
Protection
There are three kinds of flash memory program/erase protection: hardware, software, and error
protection.
21.6.1
Hardware Protection
Programming and erasing of flash memory is forcibly disabled or suspended by hardware
protection. In this state, the downloading of an on-chip program and initialization of the flash
memory are possible. However, an activated program for programming or erasure cannot program
or erase locations in a user MAT, and the error in programming/erasing is reported in the FPFR
parameter.
Table 21.8
Hardware Protection
Function to be Protected
Item
Description
Download
Programming/
Erasure
FWE-pin protection The input of a low-level signal on the FWE
pin clears the FWE bit of FCCS and the LSI
enters a programming/erasing-protected
state.
—
√
Reset/standby
protection
• A power-on reset (including a power-on
reset by the WDT) and entry to standby
mode initializes the programming/erasing
interface registers and the LSI enters a
programming/erasing-protected state.
• Resetting by means of the
RES pin after
power is initially supplied will not make
the LSI enter the reset state unless the
RES pin is held low until oscillation has
stabilized. In the case of a reset during
operation, hold the
RES pin low for the
RES pulse width that is specified in the
section on AC characteristics. If the LSI is
reset during programming or erasure,
data in the flash memory is not
guaranteed. In this case, execute erasure
and then execute programming again.
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com