Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 962 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 962 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 958Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 959Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 960Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 961Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 962Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 963Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 964Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 965Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 966Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 962 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 938 of 1200
REJ09B0344-0200
(3)
User MAT Erasing in User Boot Mode
For erasing the user MAT in user boot mode, additional processings made by setting FMATS
are required: switching from user-boot-MAT selection state to user-MAT selection state, and
switching back to user-boot-MAT selection state after erasing completes.
Figure 21.15 shows the procedure for erasing the user MAT in user boot mode.
Start erasing
procedure program
Select on-chip program
to be downloaded and
set download destination
by FTDAR
Set FKEY to H'A5
DPFR=0 ?
Yes
No
Download error processing
Set the FPEFEQ and
FUBRA parameters
Initialization
JSR FTDAR setting+32
Yes
End erasing
procedure program
FPFR=0 ?
No
Initialization error processing
Clear FKEY to 0
Set FEBS parameter
Programming
JSR
FTDAR setting+16
Yes
FPFR=0 ?
No
Clear FKEY and erasing
error processing*
Yes
Required
block erasing is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
1
1
Set FMATS to value other
than H'AA to select user MAT
After clearing VBR,
set SCO to 1 and
execute download
Set FMATS to H'AA to
select user boot MAT
User-boot-MAT
selection state
Note: * The MAT must be switched by FMATS to perform the
erasing error processing in the user boot MAT.
MAT
switchover
MAT
switchover
Figure 21.15 Procedure for Erasing User MAT in User Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com