Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 965 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 965 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 961Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 962Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 963Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 964Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 965Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 966Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 967Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 968Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 969Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 965 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 941 of 1200
REJ09B0344-0200
21.6.2
Software Protection
Software protection is set up in any of two ways: by disabling the downloading of on-chip
programs for programming and erasing, and by means of a key code.
Table 21.9
Software Protection
Function to be Protected
Item
Description
Download
Programming/
Erasure
Protection by the
SCO bit
Clearing the SCO bit in FCCS disables
downloading of the programming/erasing
program, thus making the LSI enter a
programming/erasing-protected state.
√
√
Protection by FKEY
Downloading and programming/erasing
are disabled unless the required key code
is written in FKEY. Different key codes are
used for downloading and for
programming/erasing.
√
√
21.6.3
Error Protection
Error protection is a mechanism for aborting programming or erasure when an error occurs, in the
form of the microcontroller getting out of control during programming/erasing of the flash
memory or operations that are not in accordance with the established procedures for
programming/erasing. Aborting programming or erasure in such cases prevents damage to the
flash memory due to excessive programming or erasing.
If the microcontroller malfunctions during programming/erasing of the flash memory, the FLER
bit in FCCS is set to 1 and the LSI enters the error protection state, thus aborting programming or
erasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com