Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 961 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 961 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 957Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 958Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 959Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 960Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 961Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 962Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 963Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 964Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 965Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 961 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 937 of 1200
REJ09B0344-0200
The difference between the programming procedures in user program mode and user boot
mode is whether the MAT is switched or not as shown in figure 21.14.
In user boot mode, the user boot MAT can be seen in the flash memory space with the user
MAT hidden in the background. The user MAT and user boot MAT are switched only while
the user MAT is being programmed. Because the user boot MAT is hidden while the user
MAT is being programmed, the procedure program must be located in an area other than flash
memory. After programming finishes, switch the MATs again to return to the first state.
MAT switchover is enabled by writing a specific value to FMATS. However note that while
the MATs are being switched, the LSI is in an unstable state, e.g. access to a MAT is not
allowed until MAT switching is completely finished, and if an interrupt occurs, from which
MAT the interrupt vector is read from is undetermined. Perform MAT switching in accordance
with the description in section 21.7.1, Switching between User MAT and User Boot MAT.
Except for MAT switching, the programming procedure is the same as that in user program
mode.
The area that can be executed in the steps of the user procedure program (on-chip RAM, user
MAT, and external space) is shown in section 21.8.2, Areas for Storage of the Procedural
Program and Data for Programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com