Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 972 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 972 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 968Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 969Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 970Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 971Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 972Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 973Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 974Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 975Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 976Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 972 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 948 of 1200
REJ09B0344-0200
(5)
Compatibility with Programming/Erasing Program of Conventional F-ZTAT SH
Microcontroller
A programming/erasing program for flash memory used in the conventional F-ZTAT SH
microcontroller which does not support download of the on-chip program by a SCO transfer
request cannot run in this LSI.
Be sure to download the on-chip program to execute programming/erasing of flash memory in this
LSI.
(6)
Monitoring Runaway by WDT
Unlike the conventional F-ZTAT SH microcontroller, no countermeasures are available for a
runaway by WDT during programming/erasing by the downloaded on-chip program.
Prepare countermeasures (e.g. use of the user branch routine and periodic timer interrupts) for
WDT while taking the programming/erasing time into consideration as required.
(7)
The Operating Frequency in On-Board Programming Mode
The frequency control register (FRQCR) should be set as follows in the erasing and programming
procedure, described in section 21.5, On-Board Programming Mode.
• Specify (Iφ: Bφ: Pφ) = (4: 4: 4) as the frequency division ratios of internal clocks.
When the input clock is 10 MHz, (I
φ: Bφ: Pφ) = (40 MHz: 40 MHz: 40MHz)
When the input clock is 8 MHz, (I
φ: Bφ: Pφ) = (32 MHz: 32 MHz: 32MHz)
• The following shows the frequency control register (FRQCR) values where (Iφ: Bφ: Pφ) = (4:
4: 4) as the frequency division ratios of internal clocks.
H'1000*
H'1111*
H'1333*
Note: * The CKOEN bit (bit 12) can be specified as either 0 or1.
(8)
Programming the User MAT in User Program Mode
This LSI does not allow transitions from single chip mode to user program mode. Therefore, in
order to program the user MAT in user program mode, be sure to activate the LSI in MCU
extension mode 2 rather than in single chip mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com