Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 999 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 999 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 995Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 996Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 997Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 998Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 999Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1000Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1001Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1002Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1003Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 999 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 975 of 1200
REJ09B0344-0200
• Command H'52 (1 byte): Memory read
• Size (1 byte): The total length of the area, address for reading, and amount to read fields (fixed
value of 9)
• Area (1 byte):
H'00: User boot MAT
H'01: User MAT
An incorrect area specification will produce an address error.
• Address where reading starts (4 bytes)
• Amount to read (4 bytes): The amount of data to be read
• SUM (1 byte): Checksum
Response
H'52
Amount to read
Data
…
SUM
• Response H'52 (1 byte): Response to the memory read command
• Amount to read (4 bytes): The amount to read as specified in the memory read command
• Data (n bytes): The specified amount of data read out from the specified address
• SUM (1 byte): Checksum
Error
response
H'D2
ERROR
• Error response H'D2 (1 byte): Error response to memory read command
• ERROR (1 byte): Error code
H'11: Sum-check error
H'2A: Address error (the address specified for reading is beyond the range of the MAT)
H'2B: Size error (the specified amount is greater than the size of the MAT,
the last address for reading as calculated from the specified address for the start of reading and
the amount to read is beyond the MAT area, or "0" was specified as the amount to read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com