Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1003 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1003 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 999Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1000Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1001Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1002Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1003Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1004Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1005Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1006Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1007Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1003 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 979 of 1200
REJ09B0344-0200
Table 21.15 Error Codes
Code
Description
H'00
No error
H'11
Sum check error
H'21
Non-matching device code error
H'22
Non-matching clock mode error
H'24
Bit-rate selection failure
H'25
Input frequency error
H'26
Frequency multiplier error
H'27
Operating frequency error
H'29
Block number error
H'2A
Address error
H'2B
Data length error (size error)
H'51
Erasure error
H'52
Non-erased error
H'53
Programming error
H'54
Selection processing error
H'80
Command error
H'FF
Bit-rate matching acknowledge error
21.8.2
Areas for Storage of the Procedural Program and Data for Programming
In the descriptions in the previous section, storable areas for the programming/erasing procedure
programs and program data are assumed to be in on-chip RAM. However, the procedure programs
and data can be stored in and executed from other areas (e.g. external address space) as long as the
following conditions are satisfied.
1. The on-chip programming/erasing program is downloaded from the address set by FTDAR in
on-chip RAM, therefore, this area is not available for use.
2. The on-chip programming/erasing program will use 128 bytes or more as a stack. Make sure
this area is reserved.
3. Since download by setting the SCO bit to 1 will cause the MATs to be switched, it should be
executed in on-chip RAM.
4. The flash memory is accessible until the start of programming or erasing, that is, until the
result of downloading has been decided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com