Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1002 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1002 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 998Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 999Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1000Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1001Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1002Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1003Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1004Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1005Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1006Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1002 / 1228 page
background image
Section 21 Flash Memory
Rev. 2.00 May. 08, 2008 Page 978 of 1200
REJ09B0344-0200
(15) Inquiry on Boot Program State
In response to the command for inquiry on the state of the boot program, the boot program returns
an indicator of its current state and error information. This inquiry can be made in the inquiry-and-
selection state or the programming/erasure state.
Command
H'4F
• Command H'4F (1 byte): Inquiry on boot program state
Response
H'5F
Size
STATUS
ERROR
SUM
• Response H'5F (1 byte): Response to the inquiry regarding boot-program state
• Size (1 byte): The number of characters in STATUS and ERROR (fixed at 2)
• STATUS (1 byte): State of the standard boot program
See table 21.14, Status Codes.
• ERROR (1 byte): Error state (indicates whether the program is in normal operation or an error
has occurred)
ERROR = 0: Normal
ERROR
≠ 0: Error
See table 21.15, Error Codes.
• SUM (1 byte): Checksum
Table 21.14 Status Codes
Code
Description
H'11
Waiting for device selection
H'12
Waiting for clock-mode selection
H'13
Waiting for bit-rate selection
H'1F
Waiting for transition to programming/erasure status (bit-rate selection complete)
H'31
Erasing the user MAT or user boot MAT
H'3F
Waiting for programming/erasure selection (erasure complete)
H'4F
Waiting to receive data for programming (programming complete)
H'5F
Waiting for erasure block specification (erasure complete)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com