Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1046 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1046 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1042Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1043Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1044Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1045Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1046Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1047Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1048Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1049Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1050Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1046 / 1228 page
background image
Section 26 List of Registers
Rev. 2.00 May. 08, 2008 Page 1022 of 1200
REJ09B0344-0200
26.1
Register Addresses
(by functional module, in order of the
corresponding section numbers)
Module
Name
Register Name
Abbreviation
Number
of Bits
Address
Access
Size
Frequency control register
FRQCR
16
H'FFFE0010
16
CPG
MTU clock frequency control register
MCLKCR
8
H'FFFE0410
8
AD clock frequency control register
ACLKCR
16
H'FFFE0414
8
INTC
Interrupt control register 0
ICR0
16
H'FFFE0800
16, 32
Interrupt control register 1
ICR1
16
H'FFFE0802
16, 32
IRQ interrupt request register
IRQRR
16
H'FFFE0806
16, 32
Bank control register
IBCR
16
H'FFFE080C
16, 32
Bank number register
IBNR
16
H'FFFE080E
16, 32
Interrupt priority register 01
IPR01
16
H'FFFE0818
16, 32
Interrupt priority register 02
IPR02
16
H'FFFE081A
16, 32
Interrupt priority register 05
IPR05
16
H'FFFE0820
16, 32
Interrupt priority register 06
IPR06
16
H'FFFE0C00
16, 32
Interrupt priority register 07
IPR07
16
H'FFFE0C02
16, 32
Interrupt priority register 08
IPR08
16
H'FFFE0C04
16, 32
Interrupt priority register 09
IPR09
16
H'FFFE0C06
16, 32
Interrupt priority register 10
IPR10
16
H'FFFE0C08
16, 32
Interrupt priority register 11
IPR11
16
H'FFFE0C0A
16, 32
Interrupt priority register 12
IPR12
16
H'FFFE0C0C
16, 32
Interrupt priority register 13
IPR13
16
H'FFFE0C0E
16, 32
Interrupt priority register 14
IPR14
16
H'FFFE0C10
16, 32
Interrupt priority register 15
IPR15
16
H'FFFE0C12
16, 32
Break address register_0
BAR_0
32
H'FFFC0400
32
Break address mask register_0
BAMR_0
32
H'FFFC0404
32
Break bus cycle register_0
BBR_0
16
H'FFFC04A0
16
Break address register_1
BAR_1
32
H'FFFC0410
32
Break address mask register_1
BAMR_1
32
H'FFFC0414
32
UBC
Break bus cycle register_1
BBR_1
16
H'FFFC04B0
16
Break address register_2
BAR_2
32
H'FFFC0420
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com