Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1047 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1047 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1043Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1044Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1045Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1046Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1047Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1048Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1049Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1050Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1051Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1047 / 1228 page
background image
Section 26 List of Registers
Rev. 2.00 May. 08, 2008 Page 1023 of 1200
REJ09B0344-0200
Module
Name
Register Name
Abbreviation
Number
of Bits
Address
Access
Size
Break address mask register_2
BAMR_2
32
H'FFFC0424
32
Break bus cycle register_2
BBR_2
16
H'FFFC04A4
16
Break address register_3
BAR_3
32
H'FFFC0430
32
Break address mask register_3
BAMR_3
32
H'FFFC0434
32
Break bus cycle register_3
BBR_3
16
H'FFFC04B4
16
UBC
Break control register
BRCR
32
H'FFFC04C0
32
BSC
Common control register
CMNCR
32
H'FFFC0000
32
CS0 space bus control register
CS0BCR
32
H'FFFC0004
32
CS1 space bus control register
CS1BCR
32
H'FFFC0008
32
CS2 space bus control register
CS2BCR
32
H'FFFC000C
32
CS3 space bus control register
CS3BCR
32
H'FFFC0010
32
CS4 space bus control register
CS4BCR
32
H'FFFC0014
32
CS5 space bus control register
CS5BCR
32
H'FFFC0018
32
CS6 space bus control register
CS6BCR
32
H'FFFC001C
32
CS7 space bus control register
CS7BCR
32
H'FFFC0020
32
CS0 space wait control register
CS0WCR
32
H'FFFC0028
32
CS1 space wait control register
CS1WCR
32
H'FFFC002C
32
CS2 space wait control register
CS2WCR
32
H'FFFC0030
32
CS3 space wait control register
CS3WCR
32
H'FFFC0034
32
CS4 space wait control register
CS4WCR
32
H'FFFC0038
32
CS5 space wait control register
CS5WCR
32
H'FFFC003C
32
CS6 space wait control register
CS6WCR
32
H'FFFC0040
32
CS7 space wait control register
CS7WCR
32
H'FFFC0044
32
SDRAM control register
SDCR
32
H'FFFC004C
32
Refresh timer control/status register
RTCSR
16
H'FFFC0050
32
Refresh timer counter
RTCNT
16
H'FFFC0054
32
Refresh time constant register
RTCOR
16
H'FFFC0058
32
DMAC
DMA source address register_0
SAR_0
32
H'FFFE1000
16, 32
DMA destination address register_0
DAR_0
32
H'FFFE1004
16, 32
DMA transfer count register_0
DMATCR_0
32
H'FFFE1008
16, 32
DMA channel control register_0
CHCR_0
32
H'FFFE100C
8, 16, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com