Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1053 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1053 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1049Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1050Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1051Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1052Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1053Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1054Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1055Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1056Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1057Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1053 / 1228 page
background image
Section 26 List of Registers
Rev. 2.00 May. 08, 2008 Page 1029 of 1200
REJ09B0344-0200
Module
Name
Register Name
Abbreviation
Number
of Bits
Address
Access
Size
MTU2
Timer cycle control register
TCDR
16
H'FFFE4214
16
Timer dead time data register
TDDR
16
H'FFFE4216
16
Timer subcounter
TCNTS
16
H'FFFE4220
16
Timer cycle buffer register
TCBR
16
H'FFFE4222
16
Timer interrupt skipping set register
TITCR
8
H'FFFE4230
8
Timer interrupt skipping counter
TITCNT
8
H'FFFE4231
8
Timer buffer transfer set register
TBTER
8
H'FFFE4232
8
Timer dead time enable register
TDER
8
H'FFFE4234
8
Timer synchronous clear register
TSYCR
8
H'FFFE4250
8
Timer waveform control register
TWCR
8
H'FFFE4260
8
Timer output level buffer register
TOLBR
8
H'FFFE4236
8
MTU2S
Timer control register_3S
TCR_3S
8
H'FFFE4A00
8
Timer mode register_3S
TMDR_3S
8
H'FFFE4A02
8
Timer I/O control register H_3S
TIORH_3S
8
H'FFFE4A04
8
Timer I/O control register L_3S
TIORL_3S
8
H'FFFE4A05
8
Timer interrupt enable register_3S
TIER_3S
8
H'FFFE4A08
8
Timer status register_3S
TSR_3S
8
H'FFFE4A2C
8
Timer counter_3S
TCNT_3S
16
H'FFFE4A10
16
Timer general register A_3S
TGRA_3S
16
H'FFFE4A18
16
Timer general register B_3S
TGRB_3S
16
H'FFFE4A1A
16
Timer general register C_3S
TGRC_3S
16
H'FFFE4A24
16
Timer general register D_3S
TGRD_3S
16
H'FFFE4A26
16
Timer buffer operation transfer mode
register_3S
TBTM_3S
8
H'FFFE4A38
8
Timer control register_4S
TCR_4S
8
H'FFFE4A01
8
Timer mode register_4S
TMDR_4S
8
H'FFFE4A03
8
Timer I/O control register H_4S
TIORH_4S
8
H'FFFE4A06
8
Timer I/O control register L_4S
TIORL_4S
8
H'FFFE4A07
8
Timer interrupt enable register_4S
TIER_4S
8
H'FFFE4A09
8
Timer status register_4S
TSR_4S
8
H'FFFE4A2D
8
Timer counter_4S
TCNT_4S
16
H'FFFE4A12
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com