Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1057 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1057 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1053Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1054Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1055Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1056Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1057Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1058Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1059Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1060Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1061Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1057 / 1228 page
background image
Section 26 List of Registers
Rev. 2.00 May. 08, 2008 Page 1033 of 1200
REJ09B0344-0200
Module
Name
Register Name
Abbreviation
Number
of Bits
Address
Access
Size
SCIF
Transmit FIFO data register_2
SCFTDR_2
8
H'FFFE900C
8
Serial status register_2
SCFSR_2
16
H'FFFE9010
16
Receive FIFO data register_2
SCFRDR_2
8
H'FFFE9014
8
FIFO control register_2
SCFCR_2
16
H'FFFE9018
16
FIFO data count register_2
SCFDR_2
16
H'FFFE901C
16
Serial port register_2
SCSPTR_2
16
H'FFFE9020
16
Line status register_2
SCLSR_2
16
H'FFFE9024
16
Serial extended mode register_2
SCSEMR_2
8
H'FFFE9100
8
Serial mode register_3
SCSMR_3
16
H'FFFE9800
16
Bit rate register_3
SCBRR_3
8
H'FFFE9804
8
Serial control register_3
SCSCR_3
16
H'FFFE9808
16
Transmit FIFO data register_3
SCFTDR_3
8
H'FFFE980C
8
Serial status register_3
SCFSR_3
16
H'FFFE9810
16
Receive FIFO data register_3
SCFRDR_3
8
H'FFFE9814
8
FIFO control register_3
SCFCR_3
16
H'FFFE9818
16
FIFO data count register_3
SCFDR_3
16
H'FFFE981C
16
Serial port register_3
SCSPTR_3
16
H'FFFE9820
16
Line status register_3
SCLSR_3
16
H'FFFE9824
16
IIC3
I
2C bus control register 1
ICCR1
8
H'FFFEE000
8
I
2C bus control register 2
ICCR2
8
H'FFFEE001
8
I
2C bus mode register
ICMR
8
H'FFFEE002
8
I
2C bus interrupt enable register
ICIER
8
H'FFFEE003
8
I
2C bus status register
ICSR
8
H'FFFEE004
8
Slave address register
SAR
8
H'FFFEE005
8
I
2C bus transmit data register
ICDRT
8
H'FFFEE006
8
I
2C bus receive data register
ICDRR
8
H'FFFEE007
8
NF2CYC register
NF2CYC
8
H'FFFEE008
8
ADC
A/D control register
ADCR
16
H'FFFFE800
8
A/D status register
ADSR
16
H'FFFFE802
8
A/D start trigger select register
ADSTRGR
8
H'FFFFE81C
8
A/D analog input channel select register
ADANSR
8
H'FFFFE820
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com