Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1059 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1059 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1055Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1056Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1057Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1058Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1059Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1060Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1061Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1062Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1063Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1059 / 1228 page
background image
Section 26 List of Registers
Rev. 2.00 May. 08, 2008 Page 1035 of 1200
REJ09B0344-0200
Module
Name
Register Name
Abbreviation
Number
of Bits
Address
Access
Size
PFC
Port D I/O register
PDIOR
16
H'FFFE3986
8, 16
Port D control register L4
PDCRL4
16
H'FFFE3990
8, 16, 32
Port D control register L3
PDCRL3
16
H'FFFE3992
8, 16
Port D control register L2
PDCRL2
16
H'FFFE3994
8, 16, 32
Port D control register L1
PDCRL1
16
H'FFFE3996
8, 16
Port F control register L1
PFCRL1
16
H'FFFE3A96
8, 16
IRQOUT function control register
IFCR
16
H'FFFE38A2
16
WAVE function control register 2
WAVECR2
16
H'FFFE3A14
8, 16, 32
WAVE function control register 1
WAVECR1
16
H'FFFE3A16
8, 16
I/O port
Port A data register H
PADRH
16
H'FFFE3800
8, 16, 32
Port A data register L
PADRL
16
H'FFFE3802
8, 16
Port A port register H
PAPRH
16
H'FFFE381C
8, 16, 32
Port A port register L
PAPRL
16
H'FFFE381E
8, 16
Port B data register H
PBDRH
16
H'FFFE3880
8, 16, 32
Port B data register L
PBDRL
16
H'FFFE3882
8, 16
Port B port register H
PBPRH
16
H'FFFE389C
8, 16, 32
Port B port register L
PBPRL
16
H'FFFE389E
8, 16
Port D data register L
PDDRL
16
H'FFFE3982
8, 16
Port D port register L
PDPRL
16
H'FFFE399E
8, 16
Port F data register
PFDR
16
H'FFFE3A82
8, 16
FLASH
Flash code control and status register
FCCS
8
H'8000C000
8
Flash program code select register
FPCS
8
H'8000C001
8
Flash erase code select register
FECS
8
H'8000C002
8
Flash key code register
FKEY
8
H'8000C004
8
Flash MAT select register
FMATS
8
H'8000C005
8
Flash transfer destination address
register
FTDAR
8
H'8000C006
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com