Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1055 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1055 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1051Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1052Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1053Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1054Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1055Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1056Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1057Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1058Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1059Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1055 / 1228 page
background image
Section 26 List of Registers
Rev. 2.00 May. 08, 2008 Page 1031 of 1200
REJ09B0344-0200
Module
Name
Register Name
Abbreviation
Number
of Bits
Address
Access
Size
MTU2S
Timer synchronous register S
TSYRS
8
H'FFFE4A81
8
Timer counter synchronous start register
S
TRWERS
8
H'FFFE4A84
8
Timer read/write enable register S
TOERS
8
H'FFFE4A0A
8
Timer output control register 1S
TOCR1S
8
H'FFFE4A0E
8
Timer output control register 2S
TOCR2S
8
H'FFFE4A0F
8
Timer gate control register S
TGCRS
8
H'FFFE4A0D
8
Timer cycle control register S
TCDRS
16
H'FFFE4A14
16
Timer dead time data register S
TDDRS
16
H'FFFE4A16
16
Timer subcounter S
TCNTSS
16
H'FFFE4A20
16
Timer cycle buffer register S
TCBRS
16
H'FFFE4A22
16
Timer interrupt skipping set register S
TITCRS
8
H'FFFE4A30
8
Timer interrupt skipping counter S
TITCNTS
8
H'FFFE4A31
8
Timer buffer transfer set register S
TBTERS
8
H'FFFE4A32
8
Timer dead time enable register S
TDERS
8
H'FFFE4A34
8
Timer synchronous clear register S
TSYCRS
8
H'FFFE4A50
8
Timer waveform control register S
TWCRS
8
H'FFFE4A60
8
Timer output level buffer register S
TOLBRS
8
H'FFFE4A36
8
POE2
Input level control/status register 1
ICSR1
16
H'FFFE5000
16
Output level control/status register 1
OCSR1
16
H'FFFE5002
16
Input level control/status register 2
ICSR2
16
H'FFFE5004
16
Output level control/status register 2
OCSR2
16
H'FFFE5006
16
Input level control/status register 3
ICSR3
16
H'FFFE5008
16
Software port output enable register
SPOER
8
H'FFFE500A
8
Port output enable control register 1
POECR1
8
H'FFFE500B
8
Port output enable control register 2
POECR2
16
H'FFFE500C
16
CMT
Compare match timer start register
CMSTR
16
H'FFFEC000
16
Compare match timer control/status
register_0
CMCSR_0
16
H'FFFEC002
16
Compare match counter_0
CMCNT_0
16
H'FFFEC004
16
Compare match constant register_0
CMCOR_0
16
H'FFFEC006
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com