Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1106 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1106 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1102Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1103Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1104Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1105Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1106Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1107Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1108Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1109Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1106 / 1228 page
background image
Section 27 Electrical Characteristics
Rev. 2.00 May. 08, 2008 Page 1082 of 1200
REJ09B0344-0200
27.2
Power-on/Power-off Sequence
Power-on/power-off sequence and their recommended values are shown below.
AVcc (5.0-V power supply)
AVcc Min. voltage (4.5 V)
VccQ (3.3-V power supply)
VccQ Min. voltage (3.0 V)
Vcc, PLLVcc (1.5-V power supply)
Vcc, PLLVcc Min. voltage (1.4 V)
tunc
GND
Pins status
undefined
tunc
Pins status
undefined
Normal operation period
Figure 27.1 Power-on/Power-off Sequence
Table 27.2
Recommended Time for Power-on/Power-off Sequence
Item
Symbol
Maximum Allowance Value
Unit
Undefined time
tunc
100
ms
Note:
VccQ
≥ Vcc = PLLVcc is recommended. Either VccQ, Vcc, or PLLVcc power supply can be
turned on or off first, though, an undefined period appears until Vcc rises to the Min. voltage
or after Vcc passes the Min. voltage. During these periods, pin or internal states become
undefined. Design the system so that such undefined states do not cause a system
malfunction. To avoid an increase in the current consumption during the undefined period
at power-on, it is recommended that VccQ, Vcc, and PLLVcc be turned on simultaneously.
This undefined period can be eliminated by turning on the power supplies in the order
shown in figure 27.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com