Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1110 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1110 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1106Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1107Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1108Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1109Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1110Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1111Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1112Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1113Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1110 / 1228 page
background image
Section 27 Electrical Characteristics
Rev. 2.00 May. 08, 2008 Page 1086 of 1200
REJ09B0344-0200
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
V
T
+
V
CCQ – 0.5
–
–
V
V
T
−
–
—
0.5
V
Schmitt trigger
input
characteristics
TIOC0A to TIOC0D,
TIOC1A, TIOC1B,
TIOC2A, TIOC2B,
TIOC3A to TIOC3D,
TIOC4A to TIOC4D,
TIC5U to TIC5W,
TCLKA to TCLKD,
TIOC3AS, TIOC3BS,
TIOC3CS, TIOC3DS,
TIOC4AS, TIOC4BS,
TIOC4CS, TIOC4DS,
TIC5US, TIC5VS,
TIC5WS,
POE8, POE7, POE4,
POE3, POE1, POE0,
SCK3 to SCK0,
RXD3 to RXD0,
IRQ7 to IRQ0
V
T
+ − V
T
−
0.4
–
–
V
Output high
voltage
TIOC3B (PB18),
TIOC3D (PB19)
TIOC4A to TIOC4D
(PB4 to PB7)
TIOC3BS (PB21),
TIOC3DS (PB20)
TIOC4AS to TIOC4DS
(PB12, PB13, PB10,
PB11)
V
OH
V
CCQ – 0.8
–
–
V
I
OH = –5 mA
All output pins except
for above pins
V
CCQ – 0.5
–
–
V
I
OH = –200 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com