Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1107 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1107 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1103Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1104Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1105Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1106Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1107Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1108Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1109Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1110Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1107 / 1228 page
background image
Section 27 Electrical Characteristics
Rev. 2.00 May. 08, 2008 Page 1083 of 1200
REJ09B0344-0200
AVcc (5.0-V power supply)
AVcc Min. voltage (4.5 V)
VccQ (3.3-V power supply)
VccQ Min. voltage (3.0 V)
Vcc, PLLVcc (1.5-V power supply)
Vcc, PLLVcc Min. (1.4 V)
GND
Pin initial status
Normal operation period
Figure 27.2 Power-On Sequence
Notes: 1. AVcc = AVREF > Vcc = PLLVcc is recommended. Either AVcc or VccQ power
supply can be turned on or off first. However, note that the equation AVcc
± 0.3 V =
AVREF should always be true. Using the LSI under the following conditions may
result in decreased reliability or permanent damage to the LSI.
AVREF > AVcc
± 0.3 V
2. To prevent the pin and internal states from being undefined, VccQ and AVcc should be
kept GND voltage level (0 V) and they should not be placed in floating state until Vcc
reaches the Min. voltage. In addition, the
RES pin should be input low to place power-
on reset state. In this case, care must be taken for the power consumption increase
caused by sink current because each pin is placed in low-impedance state until VccQ
reaches the Min. voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com