Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1114 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1114 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1110Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1111Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1112Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1113Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1114Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1115Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1116Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1117Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1114 / 1228 page
background image
Section 27 Electrical Characteristics
Rev. 2.00 May. 08, 2008 Page 1090 of 1200
REJ09B0344-0200
27.4.1
Clock Timing
Table 27.6
Clock Timing
Conditions: Vcc = PLLVcc = 1.4 to 1.6 V, VccQ = 3.0 to 3.6 V,
Vss = PLLVss = VssQ = 0 V, Ta =
−40°C to +85°C
Item
Symbol Min.
Max.
Unit
Figure
EXTAL clock input frequency
f
EX
8
10
MHz
EXTAL clock input cycle time
t
EXcyc
100
125
ns
EXTAL clock input pulse low width
t
EXL
6
–
ns
EXTAL clock input pulse high width
t
EXH
6
–
ns
EXTAL clock input rise time
t
EXr
–
3
ns
EXTAL clock input fall time
t
EXf
–
3
ns
Figure 27.3
CK clock output frequency
f
OP
16
40
MHz
CK clock output cycle time
t
cyc
25.0
62.5
ns
CK clock output pulse low width
t
CKOL
6
–
ns
CK clock output pulse high width
t
CKOH
6
–
ns
CK clock output rise time
t
CKOr
–
3
ns
CK clock output fall time
t
CKOf
–
3
ns
Figure 27.4
Power-on oscillation setting time
t
OSC1
10
–
ms
Figure 27.5
Oscillation settling time on return from
standby 1
t
OSC2
10
–
ms
Figure 27.6
Oscillation settling time on return from
standby 2
t
OSC3
10
–
ms
Figure 27.7
t
EXH
t
EXf
tEXr
t
EXL
t
EXcyc
VIH
VIH
VIH
1/2 VccQ
1/2 VccQ
V
IL
VIL
EXTAL*
(input)
Note: * When the clock is input on the EXTAL pin.
Figure 27.3 EXTAL Clock Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com