Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7616 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 25Page - Renesas Technology Corp SH7616 Datasheet HTML 26Page - Renesas Technology Corp SH7616 Datasheet HTML 27Page - Renesas Technology Corp SH7616 Datasheet HTML 28Page - Renesas Technology Corp SH7616 Datasheet HTML 29Page - Renesas Technology Corp SH7616 Datasheet HTML 30Page - Renesas Technology Corp SH7616 Datasheet HTML 31Page - Renesas Technology Corp SH7616 Datasheet HTML 32Page - Renesas Technology Corp SH7616 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 3 of 906
REJ09B0292-0200
Item
Specifications
DSP
• DSP engine
 Multiplier
 Arithmetic logic unit (ALU)
 Shifter
 DSP registers
• Multiplier
 16 bits × 16 bits → 32 bits
 Single-cycle multiplier
• DSP registers
 Two 40-bit data registers
 Six 32-bit data registers
 Modulo register (MOD, 32 bits) added to control registers
 Repeat counter (RC) added to status register (SR)
 Repeat start register (RS, 32 bits) and repeat end register (RE, 32 bits)
added to control registers
• DSP data bus
 Extended Harvard architecture
 Simultaneous access to two data buses and one instruction bus
• Parallel processing
 Maximum of four parallel processes
 ALU operations, multiplication, and two loads or stores
• Address processors
 Two address processors
 Address operations to access two memories
• DSP data addressing modes
 Increment and index
 Each with or without modulo addressing
• Repeat control: Zero-overhead repeat (loop) control
• Instruction set
 16-bit length (in case of load or store only)
 32-bit length (including ALU operations and multiplication)
 Added SuperH microcontroller instructions for accessing DSP registers
• Fifth and last pipeline stage is DSP stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com