Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7616 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 3 Page - Renesas Technology Corp

  SH7616 Datasheet HTML 1Page - Renesas Technology Corp SH7616 Datasheet HTML 2Page - Renesas Technology Corp SH7616 Datasheet HTML 3Page - Renesas Technology Corp SH7616 Datasheet HTML 4Page - Renesas Technology Corp SH7616 Datasheet HTML 5Page - Renesas Technology Corp SH7616 Datasheet HTML 6Page - Renesas Technology Corp SH7616 Datasheet HTML 7Page - Renesas Technology Corp SH7616 Datasheet HTML 8Page - Renesas Technology Corp SH7616 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 935 page
background image
Rev. 2.00 Mar 09, 2006 page iii of xxvi
Preface
The SH7616 is a microprocessor that integrates peripheral functions necessary for system
configuration with a 32-bit internal architecture SH2-DSP CPU as its core.
The SH7616's on-chip peripheral functions include a cache memory, an interrupt controller,
timers, an ethernet controller (EtherC), DSP, a serial communication interface with FIFO (SCIF),
a USB function module, a user break controller (UBC), a bus state controller (BSC), a direct
memory access cntroller (DMAC), and I/O ports, making it ideal for use as a microcomputer in
electronic devices that require high speed together with low power consumption.
Intended Readership: This manual is intended for users undertaking the design of an application
system using the SH7616. Readers using this manual require a basic
knowledge of electrical circuits, logic circuits, and microcomputers.
Purpose:
The purpose of this manual is to give users an understanding of the hardware
functions and electrical characteristics of the SH7616. Details of execution
instructions can be found in the SH-1, SH-2, SH-DSP Programming Manual,
which should be read in conjunction with the present manual.
Using this Manual:
• For an overall understanding of the SH7616's functions
Follow the Table of Contents. This manual is broadly divided into sections on the CPU, system
control functions, peripheral functions, and electrical characteristics.
• For a detailed understanding of CPU functions
Refer to the separate publication SH-1, SH-2, SH-DSP Programming Manual.
Note on bit notation:
Bits are shown in high-to-low order from left to right.
Related Material:
The latest information is available at our Web Site. Please make sure that you
have the most up-to-date information available.
http://www.renesas.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com