Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ78PL114RGZR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78PL114RGZR
Description  PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114RGZR Datasheet(HTML) 5 Page - Texas Instruments

  BQ78PL114RGZR Datasheet HTML 1Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 2Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 3Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 4Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 5Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 6Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 7Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 8Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
bq78PL114
www.ti.com .................................................................................................................................... SLUS850A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008
TERMINAL FUNCTIONS (continued)
NAME
NO.
TYPE(1)
DESCRIPTION
P1N
15
O
Charge-balance gate drive, cell 1 north
P2S
16
O
Charge-balance gate drive, cell 2 south
P2N
17
O
Charge-balance gate drive, cell 2 north
P3N
21
O
Charge-balance gate drive, cell 3 north
P3S
20
O
Charge-balance gate drive, cell 3 south
P4N
23
O
Charge-balance gate drive, cell 4 north
P4S
22
O
Charge-balance gate drive, cell 4 south
P-LAN
24
IO
PowerLAN I/O to external bq76PL10x nodes
PRE
3
O
Pre-Charge MOSFET control (active-high.)
RSTN
25
I
Device reset, active-low
SDI1
14
I
Connect to SDO0 via a capacitor
SDI3
19
I
Internal PowerLAN connection – connect to SDO2
SDO0
13
O
Requires 100-k
Ω pullup resistor to VLDO1
SDO2
18
O
Internal PowerLAN connection – connect to SDI3
SELECT
29
O
Auxiliary SPI control output (2)
SMBCLK
37
IO
SMBus clock signal
SMBDAT
38
IO
SMBus data signal
SPI-CLK
26
IO
SPI port clock(2)
SPI-DI
27
I
SPI master-out-slave-in (2)
SPI-DO
28
O
SPI master-in-slave-out (2)
SPROT
30
O
Secondary protection output, active-high (FUSE)
V1
47
IA
Cell-1 positive input
V2
44
IA
Cell-2 positive input
V3
42
IA
Cell-3 positive input
V4
39
IA
Cell-4 positive input
VLDO1
8
P
Internal LDO-1 output, bypass with capacitor
VLDO2
43
P
Internal LDO-2 output, bypass with capacitor
VSS
48
IA
Cell-1 negative input
XT1
46
IA
External temperature-sensor-1 input
XT2
45
IA
External temperature-sensor-2 input
XT3
41
IA
External temperature-sensor-3 input
XT4
40
IA
External temperature-sensor-4 input
–
–
P
Thermal pad. Connect to VSS
(2)
SPI functionality requires a firmware option, consult the factory for additional information.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq78PL114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com