Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ78PL114RGZR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78PL114RGZR
Description  PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114RGZR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ78PL114RGZR Datasheet HTML 4Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 5Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 6Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 7Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 8Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 9Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 10Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 11Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Current-Sense (Safety) Characteristics
(1)
Internal Temperature-Sensor Characteristics
(1)
External Temperature-Sensor(s) Typical Characteristics
(1)
SMBus Characteristics
(1)
bq78PL114
SLUS850A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008 .................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Measurement range
–0.312
0.312
V
Short-circuit detection
10
Resolution
mV
Overcurrent detection, charge and discharge
1.25
(1)
Post calibration: Dependent on system calibration and temperature coefficient of sense resistor. Uncertainty 1.5 LSB.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Measurement range
–30
85
°C
Resolution
0.1
°C
Accuracy(1)
–30° to 85°
±1
°C
(1)
After calibration.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Measurement range(2)
–40
90
°C
Resolution
0.2
°C
25°
±1
Accuracy(3)
°C
0° to 85°
±2
(1)
Typical for dual diode (MMBD4148 or equivalent) external sensor using recommended circuit.
(2)
Range of diode sensors may exceed operational limits of IC and battery cells.
(3)
Typical behavior after calibration, final result dependent on specific component characteristics.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input low voltage
0
0.8
V
VIH
Input high voltage
2.1
5.5
V
VOL
Output low voltage
350-
µA sink current
0
0.4
V
CI
Capacitance, each I/O pin
10
pF
fSCL
SCLK nominal clock frequency
TA = 25°C
100
kHz
VBUS 5 V nominal
13.3
45.3
RPU
(2)
Pullup resistors for SCLK, SDATA
k
Ω
VBUS 3 V nominal
2.4
6.8
(1)
SMBus timing and signals meet the SMBus 2.0 specification requirements under normal operating conditions. All signals are measured
with respect to PACK-negative.
(2)
Pullups are typically implemented external to battery pack, and are selected to meet SMBus requirements.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq78PL114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com