Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38075R Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # H8/38075R
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38075R Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button H8/38075R Datasheet HTML 29Page - Renesas Technology Corp H8/38075R Datasheet HTML 30Page - Renesas Technology Corp H8/38075R Datasheet HTML 31Page - Renesas Technology Corp H8/38075R Datasheet HTML 32Page - Renesas Technology Corp H8/38075R Datasheet HTML 33Page - Renesas Technology Corp H8/38075R Datasheet HTML 34Page - Renesas Technology Corp H8/38075R Datasheet HTML 35Page - Renesas Technology Corp H8/38075R Datasheet HTML 36Page - Renesas Technology Corp H8/38075R Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxxiii of lxxii
Item
Page
Revision (See Manual for Details)
15.3.9 Serial Port
Control Register
(SPCR)
328
Table amended
Bit
Bit Name
Initial
Value
R/W
Description
3
SCINV3
0
R/W
TXD32 Pin Output Data Inversion Switch
Selects whether the polarity of output data of the
TXD32 pin is inverted or not.
0: Output data of TXD32 pin is not inverted.
1: Output data of TXD32 pin is inverted.
2
SCINV2
0
R/W
RXD32 Pin Input Data Inversion Switch
Selects whether the polarity of input data of the RXD32
pin is inverted or not.
0: Output data of RXD32 pin is not inverted.
1: Output data of RXD32 pin is inverted.
1
SCINV1
0
R/W
TXD31 Pin Output Data Inversion Switch
Selects whether the polarity of output data of the
TXD31 pin is inverted or not.
0: Output data of TXD31 pin is not inverted.
1: Output data of TXD31 pin is inverted.
0
SCINV0
0
R/W
RXD31 Pin Input Data Inversion Switch
Selects whether the polarity of input data of the RXD31
pin is inverted or not.
0: Input data of RXD31 pin is not inverted.
1: Input data of RXD31 pin is inverted.
15.4.1 Clock
Table 15.8 Data
Transfer Formats
(Asynchronous Mode)
332
Table amended
12345
Setting prohibited
Setting prohibited
Setting prohibited
Setting prohibited
6
7
8
9
10
11
12
SMR
CHR
PE
MP
STOP
0010
0011
1010
1011
Serial Data Transfer Format and Frame Length
Table 15.9 SMR
Settings and
Corresponding Data
Transfer Formats
333
Table amended
SMR
Data Transfer Format
Bit 7
COM
Bit 6
CHR
Bit 2
MP
Bit 5
PE
Bit 3
STOP
Mode
Data Length
Parity Bit
Stop Bit
Length
0
0
1
Setting
prohibited
0
bi
1t
0
1
1
5-bit data
No
2 bits
0
0
1
Setting
prohibited
0
bi
1
t
0
1
1
1
1
Asynchronous
mode
5-bit data
Yes
2 bits
15.4.2 SCI3
Initialization
Figure 15.4 Sample
SCI3 Initialization
Flowchart
335
Figure amended
[4] Wait at least one bit interval, then set the TE bit or RE bit in
SCR to 1. Setting bits TE and RE enables the TXD31 (TXD32)
and RXD31 (RXD32) pins to be used. Also set the RIE, TIE, and
TEIE
bits,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com