Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/38075R Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # H8/38075R
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
PDF  669 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/38075R Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button H8/38075R Datasheet HTML 35Page - Renesas Technology Corp H8/38075R Datasheet HTML 36Page - Renesas Technology Corp H8/38075R Datasheet HTML 37Page - Renesas Technology Corp H8/38075R Datasheet HTML 38Page - Renesas Technology Corp H8/38075R Datasheet HTML 39Page - Renesas Technology Corp H8/38075R Datasheet HTML 40Page - Renesas Technology Corp H8/38075R Datasheet HTML 41Page - Renesas Technology Corp H8/38075R Datasheet HTML 42Page - Renesas Technology Corp H8/38075R Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 669 page
background image
Rev. 4.00 Aug 23, 2006 Page xxxix of lxxii
Item
Page
Revision (See Manual for Details)
24.2.1 Power Supply
Voltage and Operating
Range
(1) Power Supply
Voltage and
Oscillation
Frequency Range
488
Note 1 amended
... the minimum value of fosc is 2 MHz.
(2) Power Supply
Voltage and
Operating Frequency
Range
489
Note 1 amended
… the minimum operating frequency (φ ) is 2 MHz
24.2.2 DC
Characteristics
Table 24.2 DC
Characteristics
491
Table amended
Values
Item
Symbol
Applicable Pins
Test Condition
Min.
Typ.
Max.
Unit
Notes
Input high
voltage
V
IH
RES, NMI*3, WKP0
to
WKP7, IRQ4,
AEVL, AEVH,
TMIF,
ADTRG,
SCK32, SCK31,
SCK4
0.9V
CC
—
V
CC + 0.3
V
IRQ0, IRQ1, IRQ3
0.9V
CC
—
AV
CC + 0.3
24.2.3 AC
Characteristics
Table 24.3 Control
Signal Timing
497
Table amended
Applicable
Values
Reference
Item
Symbol
Pins
Test Condition
Min.
Typ.
Max.
Unit
Figure
Oscillation stabilization
time
t
rc
OSC1, OSC2
Crystal resonator
(V
CC = 2.7 to 3.6 V)
—
0.8
2.0
ms
Crystal resonator
(V
CC = 2.2 to 3.6 V)
—
1.2
3
Ceramic resonator
(V
CC = 2.2 to 3.6 V)
—
20
45
µs
Ceramic resonator
(other than above)
—
80
—
Other than above
——
50
ms
×1, ×2V
CC = 2.2 to 3.6 V
——
2.0
s
Figure 5.7
Other than above
—
4
—
Table 24.5 I
2C Bus
Interface Timing
500
Condition amended
V
CC = 1.8 V to 3.6 V, AVCC= 1.8 V to 3.6 V, VSS = 0.0 V, Ta = –20
to +75°C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com