Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3026 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # H8/3026
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3026 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button H8/3026 Datasheet HTML 92Page - Renesas Technology Corp H8/3026 Datasheet HTML 93Page - Renesas Technology Corp H8/3026 Datasheet HTML 94Page - Renesas Technology Corp H8/3026 Datasheet HTML 95Page - Renesas Technology Corp H8/3026 Datasheet HTML 96Page - Renesas Technology Corp H8/3026 Datasheet HTML 97Page - Renesas Technology Corp H8/3026 Datasheet HTML 98Page - Renesas Technology Corp H8/3026 Datasheet HTML 99Page - Renesas Technology Corp H8/3026 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 841 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Sep 20, 2005 page 58 of 800
REJ09B0260-0200
Mode 5 is an externally expanded mode that enables access to external memory and peripheral
devices and also enables access to the on-chip ROM. Mode 5 supports a maximum address space
of 16 Mbytes.
Modes 6 and 7 are single-chip modes in which the chip operates using only the on-chip ROM,
RAM, and I/O registers. All ports are available in these modes. Mode 6 supports a maximum
address space of 64 kbytes. Mode 7 supports a maximum address space of 1 Mbyte.
The H8/3024 Group can be used only in modes 1 to 7. The inputs at the mode pins must select one
of these seven modes. The inputs at the mode pins must not be changed during operation. Set the
reset state before changing the inputs at these pins.
3.1.2
Register Configuration
The H8/3024 Group has a mode control register (MDCR) that indicates the inputs at the mode
pins (MD2 to MD0), and a system control register (SYSCR). Table 3.2 summarizes these registers.
Table 3.2
Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'EE011
Mode control register
MDCR
R
Undetermined
H'EE012
System control register
SYSCR
R/W
H'09
Note: * Lower 20 bits of the address in advanced mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com