Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3026 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # H8/3026
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3026 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button H8/3026 Datasheet HTML 93Page - Renesas Technology Corp H8/3026 Datasheet HTML 94Page - Renesas Technology Corp H8/3026 Datasheet HTML 95Page - Renesas Technology Corp H8/3026 Datasheet HTML 96Page - Renesas Technology Corp H8/3026 Datasheet HTML 97Page - Renesas Technology Corp H8/3026 Datasheet HTML 98Page - Renesas Technology Corp H8/3026 Datasheet HTML 99Page - Renesas Technology Corp H8/3026 Datasheet HTML 100Page - Renesas Technology Corp H8/3026 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 841 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Sep 20, 2005 page 59 of 800
REJ09B0260-0200
3.2
Mode Control Register (MDCR)
MDCR is an 8-bit read-only register that indicates the current operating mode of the
H8/3024 Group.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
0
—
4
—
0
—
3
—
0
—
0
MDS0
—*
R
2
MDS2
—*
R
1
MDS1
—*
R
Mode select 2 to 0
Bits indicating the current
operating mode
Reserved bits
Note: * Determined by pins MD to MD .
20
Bits 7 and 6—Reserved: These bits can not be modified and are always read as 1.
Bits 5 to 3—Reserved: These bits can not be modified and are always read as 0.
Bits 2 to 0—Mode Select 2 to 0 (MDS2 to MDS0): These bits indicate the logic levels at pins
MD2 to MD0 (the current operating mode). MDS2 to MDS0 correspond to MD2 to MD0. MDS2 to
MDS0 are read-only bits. The mode pin (MD2 to MD0) levels are latched into these bits when
MDCR is read.
Note:
The versions with on-chip flash memory have a boot mode in which flash memory can be
programmed. In boot mode, the MDS2 bit value is the inverse of the level at the MD2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com