Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3026 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # H8/3026
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3026 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button H8/3026 Datasheet HTML 98Page - Renesas Technology Corp H8/3026 Datasheet HTML 99Page - Renesas Technology Corp H8/3026 Datasheet HTML 100Page - Renesas Technology Corp H8/3026 Datasheet HTML 101Page - Renesas Technology Corp H8/3026 Datasheet HTML 102Page - Renesas Technology Corp H8/3026 Datasheet HTML 103Page - Renesas Technology Corp H8/3026 Datasheet HTML 104Page - Renesas Technology Corp H8/3026 Datasheet HTML 105Page - Renesas Technology Corp H8/3026 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 841 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Sep 20, 2005 page 64 of 800
REJ09B0260-0200
3.5
Pin Functions in Each Operating Mode
The pin functions of ports 1 to 5 and port A vary depending on the operating mode. Table 3.3
indicates their functions in each operating mode.
Table 3.3
Pin Functions in Each Mode
Port
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
Mode 6
Mode 7
Port 1
A7 to A0
A7 to A0
A7 to A0
A7 to A0
P17 to P10*
2
P17 to P10
P17 to P10
Port 2
A15 to A8
A15 to A8
A15 to A8
A15 to A8
P27 to P20*
2
P27 to P20
P27 to P20
Port 3
D15 to D8
D15 to D8
D15 to D8
D15 to D8
D15 to D8
P37 to P30
P37 to P30
Port 4
P47 to P40*
1
D7 to D0*
1
P47 to P40*
1
D7 to D0*
1
P47 to P40*
1
P47 to P40
P47 to P40
Port 5
A19 to A16
A19 to A16
A19 to A16
A19 to A16
P53 to P50*
2
P53 to P50
P53 to P50
Port A
PA7 to PA4
PA7 to PA4
PA6 to PA4, A20*
3
PA6 to PA4, A20*
3
PA7 to PA4*
4
PA7 to PA4
PA7 to PA4
Notes: 1. Initial state. The bus mode can be switched by settings in ABWCR. These pins function
as P47 to P40 in 8-bit bus mode, and as D7 to D0 in 16-bit bus mode.
2. Initial state. These pins become address output pins when the corresponding bits in the
data direction registers (P1DDR, P2DDR, P5DDR) are set to 1.
3. Initial state. A20 is always an address output pin. PA6 to PA4 are switched over to A23 to
A21 output by writing 0 in bits 7 to 5 of BRCR.
4. Initial state. PA7 to PA4 are switched over to A23 to A20 output by writing 0 in bits 7 to 4
of BRCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com