Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7751 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7751
Description  32-Bit RISC Microcomputer
PDF  1224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7751 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7751 Datasheet HTML 35Page - Renesas Technology Corp SH7751 Datasheet HTML 36Page - Renesas Technology Corp SH7751 Datasheet HTML 37Page - Renesas Technology Corp SH7751 Datasheet HTML 38Page - Renesas Technology Corp SH7751 Datasheet HTML 39Page - Renesas Technology Corp SH7751 Datasheet HTML 40Page - Renesas Technology Corp SH7751 Datasheet HTML 41Page - Renesas Technology Corp SH7751 Datasheet HTML 42Page - Renesas Technology Corp SH7751 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1224 page
background image
Rev.4.00 Oct. 10, 2008 Page xxxix of xcviii
REJ09B0370-0400
Item
Page
Revision (See Manual for Details)
22.2.3 PCI
Configuration Register 2
(PCICONF2)
864
Description amended
Bits 23 to 16—Sub Class Codes (CLASS15 to 8): Shows the
subclass code. For details, please see appendix D, Pin
Functions of the PCI Local Bus Specifications, Revision 2.1.
Bits 15 to 8—Register Level Programming Interface (CLASS7
to 0): Shows the register level programming interface. For
details, please see appendix D, Pin Functions of the PCI Local
Bus Specifications, Revision 2.1.
22.2.17 PCI Control
Register (PCICR)
886
Description added of Bit 3
Bit 3: SERR
Description
0
SERR pin at Hi-Z (driven to High by pull-up resistor)
(Initial value)
1
ssert
SERR (Low output)
A
887
Description deleted of Bit 1
22.2.24 PCI Arbiter
Interrupt Register
(PCIAINT)
900
Description amended
The PCIAINT register is initialized to H'00000000 at a power-on
reset or software reset.
901
Description added of Bit 13
Bit 13—Master Broken Interrupt (MST_BRKN): Detects when
the master granted with bus privileges does not start a
transaction (
FRAME not asserted) within 16 clocks. For the
SH7751, see 22.12, Usage Notes.
Description added of Bit 12
Bit 12—Target Bus Timeout Interrupt (TGT_BUSTO): Neither
TRDY nor STOP are not returned within 16 clocks in the case
of the first data transfer, or within 8 clocks in the case of second
and subsequent data transfers. For the SH7751, see 22.12,
Usage Notes.
Description added of Bit 11
Bit 11—Master Bus Timeout Interrupt (MST_BUSTO): Indicates
the detection that
IRDY was not asserted within 8 clock cycles
in a transaction initiated by a device including PCIC.
Description amended of Bit 1
Bit 1—Write Data Parity Error Interrupt (DPERR_WT): Indicates
the detection of the assertion of
PERR in a data write operation
when a device other than the PCIC is operating as the bus
master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com