Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH7011 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7011
Description  CMOS single-chip microprocessors
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7011 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7011 Datasheet HTML 69Page - Renesas Technology Corp SH7011 Datasheet HTML 70Page - Renesas Technology Corp SH7011 Datasheet HTML 71Page - Renesas Technology Corp SH7011 Datasheet HTML 72Page - Renesas Technology Corp SH7011 Datasheet HTML 73Page - Renesas Technology Corp SH7011 Datasheet HTML 74Page - Renesas Technology Corp SH7011 Datasheet HTML 75Page - Renesas Technology Corp SH7011 Datasheet HTML 76Page - Renesas Technology Corp SH7011 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 292 page
background image
64
6.3
Description of Registers
6.3.1
Interrupt Priority Registers A–H (IPRA–IPRH)
Interrupt priority registers A–H (IPRA–IPRH) are 16-bit readable/writable registers that set
priority levels from 0 to 15 for IRQ interrupts and on-chip peripheral module interrupts.
Correspondence between interrupt request sources and each of the IPRA–IPRH bits is shown in
table 6.4.
Bit:
15
14
13
12
11
10
9
8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 6.4
Interrupt Request Sources and IPRA–IPRH
Bits
Register
15–12
11–8
7–4
3–0
Interrupt priority register A
IRQ0
IRQ1
IRQ2
IRQ3
Interrupt priority register B
IRQ4
IRQ5
IRQ6
IRQ7
Interrupt priority register C
Reserved
Reserved
Reserved
Reserved
Interrupt priority register D
MTU0
MTU0
MTU1
MTU1
Interrupt priority register E
MTU2
MTTU2
Reserved
Reserved
Interrupt priority register F
Reserved
Reserved
Reserved
SCI
Interrupt priority register G
A/D
Reserved
CMT0
CMT1
Interrupt priority register H
TIM1, 2
Reserved
Reserved
Reserved
As indicated in table 6.4, four
IRQ pins or groups of 4 on-chip peripheral modules are allocated to
each register. Each of the corresponding interrupt priority ranks are established by setting a value
from H'0 (0000) to H'F (1111) in each of the four-bit groups 15–12, 11–8, 7–4 and 3–0. Interrupt
priority rank becomes level 0 (lowest) by setting H'0, and level 15 (highest) by setting H'F. 8-bit
timers 1 and 2 are set to the same priority rank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com