Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD6417706F Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD6417706F
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
PDF  749 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417706F Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD6417706F Datasheet HTML 5Page - Renesas Technology Corp HD6417706F Datasheet HTML 6Page - Renesas Technology Corp HD6417706F Datasheet HTML 7Page - Renesas Technology Corp HD6417706F Datasheet HTML 8Page - Renesas Technology Corp HD6417706F Datasheet HTML 9Page - Renesas Technology Corp HD6417706F Datasheet HTML 10Page - Renesas Technology Corp HD6417706F Datasheet HTML 11Page - Renesas Technology Corp HD6417706F Datasheet HTML 12Page - Renesas Technology Corp HD6417706F Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 749 page
background image
Rev. 5.00 May 29, 2006 page ix of xlviii
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
1.3 Pin Assignment
Figure 1.2 Pin
Assignment (FP-176C)
4
Figure amended
INDEX MARK
MD3
MD4
MD5
AVSS
AN[0]/PTJ[0]
AN[1]/PTJ[1]
AN[2]/DA[1]/PTJ[2]
AN[3]/DA[0]/PTJ[3]
AVCC
AVSS
167
168
169
170
171
172
173
174
175
176
1.4 Pin Function
10
Table amended
Number of Pins
FP-176C
TBP-208A
Pin Name
I/O
Description
109
K15
AUDATA[0]/PTF[0]
I/O
AUD data / input/output port F
110
K16
AUDATA[1]/PTF[1]
I/O
AUD data / input port F
111
K17
AUDATA[2]/PTF[2]
I/O
AUD data / input/output port F
3.4.4 Avoiding
Synonym Problems
Figure 3.9 Synonym
Problem
69
Figure amended
When using a 4-kbyte page
Virtual address
31
VPN
0
12 11
Offset
Physical address
31
PPN
0
Offset
Virtual address (11 to 4)
Physical address (31 to 10)
When using a 1-kbyte page
Virtual address
31
VPN
0
10
Offset
Physical address
31
PPN
0
10
Offset
Virtual address (11 to 4)
Physical address (31 to 10)
9
9
12 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com