Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD6417706F Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD6417706F
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
PDF  749 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417706F Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD6417706F Datasheet HTML 17Page - Renesas Technology Corp HD6417706F Datasheet HTML 18Page - Renesas Technology Corp HD6417706F Datasheet HTML 19Page - Renesas Technology Corp HD6417706F Datasheet HTML 20Page - Renesas Technology Corp HD6417706F Datasheet HTML 21Page - Renesas Technology Corp HD6417706F Datasheet HTML 22Page - Renesas Technology Corp HD6417706F Datasheet HTML 23Page - Renesas Technology Corp HD6417706F Datasheet HTML 24Page - Renesas Technology Corp HD6417706F Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 749 page
background image
Rev. 5.00 May 29, 2006 page xxi of xlviii
Item
Page
Revision (See Manual for Details)
B.1 Pin Functions
Table B.1 Pin States
during Resets, Power-
Down States, and Bus-
Released State
669
Table amended and note 12 added
Interrupt
IRQ[3:0]/
IRL[3:0]/
PTH[3:0]
I*
8
I
III
IRQ4/ PTH[4]
I*
8
I
III
NMI
I
I
III
IRQOUT/PTE[7]
H
OP*
3
ZK*
3
OP*
3
OP*
3
Reset
Power-Down
Category
Pin
Power-On
Reset
Manual
Reset
Standby
Sleep
Bus
Released
EXTAL
I
I
I
I
I
XTAL
O*
1
O*
1
O*
1
O*
1
O*
1
CKIO
IO*
1
IO*
1
IO*
1
*12
IO*
1
IO*
1
EXTAL2
I
I
I
I
I
XTAL2
O
O
O
O
O
Clock
CAP1, CAP2
—
—
———
671
Reset
Power-Down
Category
Pin
Power-On
Reset
Manual
Reset
Standby
Sleep
Bus
Released
Port
CE2B/PTD[7]
H
OP*
3
ZH*
11 K*3 OP*3
ZP*
3
CE2A/PTD[6]
H
OP*
3
ZH*
11 K*3 OP*3
ZP*
3
IOIS16/PTD[5]
I
I
Z
I
I
ADTRG/PTG[5]
V*
8
IIZ
I
I
H-UDI
TCK/PTG[1]
IV
I
IZ
I
I
TDI/PTG[0]
IV
I
IZ
I
I
TMS/PTG[2]
IV
I
IZ
I
I
TRST/PTG[3]
IV
I
IZ
I
I
AUDSYNC/PTF[4]
OV
OP*
3
OK*
3
OP*
3
OP*
3
TDO/PTF[5]
OV
OP*
3
OK*
3
OP*
3
OP*
3
AUDCK/PTG[4]
IV
I
IZ
I
I
AUDATA[3:0]/PTF[3:0]
IV
I
IZ
I
I
ASEBRKAK/PTF[6]
OV
OP*
3
OP*
3
OP*
3
OP*
3
ASEMD0
I
I
Z
I
I
672
Notes: 12. In the standby mode, CKIO may be either high or
low level.
B.3 Processing of
Unused Pins
677
Description amended
• When EXTAL pin is not used
— EXTAL: Connect to V
CCQ or VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com