Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3124D2PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3124D2PWPR
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3124D2PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPA3124D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3124D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
1 F
m
SD
MuteControl
PVCCL
TPA3124D2
SIMPLIFIED APPLICATIONCIRCUIT
PVCCR
VCLAMP
GAIN1
BYPASS
1 F
m
1 F
m
0.22 F
m
AGND
LeftChannel
RightChannel
10Vto26V
10Vto26V
4-StepGainControl
ShutdownControl
LIN
RIN
BSR
BSL
PGNDR
PGNDL
0.22 F
m
33 H
m
33 H
m
470 F
m
0.22 F
m
1 F
m
470 F
m
GAIN0
AVCC
MUTE
ROUT
LOUT
S0267-02
0.22 F
m
TPA3124D2
www.ti.com........................................................................................................................................................................................................ SLOS578 – MAY 2008
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
• Flat Panel Televisions
234
• 10-W/Ch Into an 8-Ω Load From a 24-V Supply
• DLP® TVs
• 15-W/Ch into a 4-Ω Load from a 22-V Supply
• CRT TVs
• 30-W/Ch into a 8-Ω Load from a 22-V Supply
• Powered Speakers
• Operates From 10 V to 26 V
• Can Run From +24 V LCD Backlight Supply
• Efficient Class-D Operation Eliminates Need
The TPA3124D2 is a 15-W (per channel), efficient,
for Heat Sinks
class-D audio power amplifier for driving stereo
• Four Selectable, Fixed-Gain Settings
speakers in a single-ended configuration; or, a mono
• Internal Oscillator (No External Components
speaker in a bridge-tied-load configuration. The
TPA3124D2 can drive stereo speakers as low as 4
Ω.
Required)
The efficiency of the TPA3124D2 eliminates the need
• Single-Ended Analog Inputs
for an external heat sink when playing music.
• Thermal and Short-Circuit Protection With
The gain of the amplifier is controlled by two gain
Auto Recovery
select pins. The gain selections are 20, 26, 32, and
• Space-Saving Surface Mount 24-Pin TSSOP
36 dB.
Package
The patented start-up and shutdown sequences
• Advanced Power-Off Pop Reduction
minimize pop noise in the speakers without additional
circuitry.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA3124D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3124D2PWPR TI-TPA3124D2PWPR Datasheet
874Kb / 29P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2PWPRG4 TI1-TPA3124D2PWPRG4 Datasheet
805Kb / 29P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3124D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2_15 Datasheet
766Kb / 29P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com