| Electronic Components Datasheet Search |
|
TPA3124D2PWPR Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPA3124D2PWPR Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 27 page ![]() SE Input and SE Output (TPA3124D2 Stereo Configuration) VGEN CIN CL RIN RGEN Twisted-PairWire Generator EvaluationModule AudioPower Amplifier Twisted-PairWire RL RANA CANA Analyzer RANA CANA Lfilt Cfilt TPA3124D2 SLOS578 – MAY 2008........................................................................................................................................................................................................ www.ti.com The SE input and output configuration is used with class-AB amplifiers. A block diagram of a fully SE measurement circuit is shown in Figure 35. SE inputs normally have one input pin per channel. In some cases, two pins are present; one is the signal and the other is ground. SE outputs have one pin driving a load through an output ac-coupling capacitor and the other end of the load is tied to ground. SE inputs and outputs are considered to be unbalanced, meaning one end is tied to ground and the other to an amplifier input/output. The generator should have unbalanced outputs, and the signal should be referenced to the generator ground for best results. Unbalanced or balanced outputs can be used when floating, but they may create a ground loop that affects the measurement accuracy. The analyzer should have balanced inputs to cancel out any common-mode noise in the measurement. Figure 35. SE Input—SE Output Measurement Circuit The following general rules should be followed when connecting to APAs with SE inputs and outputs: • Use an unbalanced source to supply the input signal. • Use an analyzer with balanced inputs. • Use twisted-pair wire for all connections. • Use shielding when the system environment is noisy. • Ensure the cables from the power supply to the APA, and from the APA to the load, can handle the large currents (see Table 5). 22 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TPA3124D2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |