Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA1675 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA1675
Description  VERTICAL DEFLECTION CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1675 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA1675 Datasheet HTML 3Page - STMicroelectronics TDA1675 Datasheet HTML 4Page - STMicroelectronics TDA1675 Datasheet HTML 5Page - STMicroelectronics TDA1675 Datasheet HTML 6Page - STMicroelectronics TDA1675 Datasheet HTML 7Page - STMicroelectronics TDA1675 Datasheet HTML 8Page - STMicroelectronics TDA1675 Datasheet HTML 9Page - STMicroelectronics TDA1675 Datasheet HTML 10Page - STMicroelectronics TDA1675 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2
0.5
1
1.5
0
0.5
1
1.5
2
V1H (V)
VS = 35V
IY (App)
Figure 8 :
Output Saturation Voltage to Supply
versus Output Peak Current
when a flyback pulse has been generated. If the
flyback pulse is absent (short cirucit or open cirucit
of the yoke), the blanking output remains high so
allowing the CRT protection.
Pin 13
is an open collector output where the
blanking pulse is available.
Voltage regulator
The main supply voltage VS, is lowered and
regulated internally to allow the required reference
voltages for all the above described blocks.
Pin 14
is the main supply voltage input VS
(positive).
Pin 8
is the GND pin or the negative input of VS
0.5
1
1.5
0.5
1
1.5
2
0
VS = 35V
IY (App)
V
1L
(V)
Figure 7 :
Output Saturation Voltage to Ground
vs. Peak Output Current
32
0
16
24
8
-50
50
150
100
0
Tamb (˚C)
R
th = 8˚C
/W
R
th =
4˚C
/W
R
th
=
2˚C
/W
Ptot (W)
Figure 9 :
Maximum allowable Power Dissipation
vs. Ambient Temperature
Figure 10 : Mounting Examples
MOUNTING INSTRUCTIONS
The power dissipated in the circuit must be
removed by adding an external heatsink. Thanks
to the MULTIWATT ® package attaching the
heatsink is very simple, a screw or a compression
spring (clip) being sufficient. Between the heatsink
and the package, it is better to insert a layer of
silicon grease, to optimize the thermal contact; no
electrical isolation is needed between the two
surfaces.
TDA1675A
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com