Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA1675 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA1675
Description  VERTICAL DEFLECTION CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1675 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA1675 Datasheet HTML 2Page - STMicroelectronics TDA1675 Datasheet HTML 3Page - STMicroelectronics TDA1675 Datasheet HTML 4Page - STMicroelectronics TDA1675 Datasheet HTML 5Page - STMicroelectronics TDA1675 Datasheet HTML 6Page - STMicroelectronics TDA1675 Datasheet HTML 7Page - STMicroelectronics TDA1675 Datasheet HTML 8Page - STMicroelectronics TDA1675 Datasheet HTML 9Page - STMicroelectronics TDA1675 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TYPICAL PERFORMANCE
Symbol
Parameter
Value
Unit
VS
Minimum supply voltage
22.5
V
IS
Supply current
185
mA
tFLY
Flyback time
1
ms
tBLKG
Banking time
1.4
ms
fO
Free running frequency
43.5
Hz
* PTOT
Power dissipation
2.7
W
* RTH(heatsink)
Thermal resistance of the heatsink
for Tamb = 60
oC and Tj max = 110oC
for Tamb = 60
oC and Tj max = 120oC
11.5
14.5
oC/W
oC/W
* Worst case condition.
R9
2.2
Ω
C7
0.22µF
R11
330
Ω
YOKE
R8
120
Ω
C8
47µF
10V
C9
1500µF
16V
R10
2%
R12
1.2
Ω
5%
*
R1
4.7k
Ω
1
2
13
14
15
12
7
8
9
10
11
100k
Ω
56k
Ω
R6
R5
470k
Ω
*
*
*
R4
180k
Ω
RT1
HEIGHT
220k
Ω
4
6
3
S1
SERVICE
SWITCH
R2
15k
Ω
5
0.1µF
C1
BLANKING
OUT
SYNC.
PULSE
IN
C2
35V
470µF
C3
0.1µF
R3
10k
Ω
1N4001
D1
220µF - 25V
C4
TDA 1675A
2.4k
Ω
R7
1.2k
Ω
2%
LINEARITY
RT2
C5 0.1µF
C
o
7.5k
Ω
1%
R o
330nF
5%
C6
0.1µF
0.1µF
+V S
* The value depends on the characteristics of the CRT. The value shown is indicative only.
Figure 4 : Application Circuit for 110
o CTV Set (Ry = 9.6
Ω ; Ly = 24.6 mH ; Iy = 1.2 APP)
TDA1675A
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com